Part Number Hot Search : 
RLZ12B 1N2276 KBPC3506 KSK123 ITE08C06 8HC71 2N4402TF 8HC71
Product Description
Full Text Search
 

To Download 325152U035JS0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 325/326, -55 C to 125 C Long-Life, Switching Power Grade Radial
High Temperature and Ultra-Low ESR
The Types 325 and 326 are the ultra-wide-temperature, low-ESR capacitors for switching power-supply outputs and automotive applications. The 125 C capability and exceptionally low ESRs enable high ripplecurrent capability. With series inductance of 12 to 16 nH and ripple currents to 27 amps one of these capacitors can save by replacing eight to ten of the 12.5 mm diameter capacitors routinely at the output of switching power supplies. Type 325 has three leads for rugged, reverse-proof mounting, and Type 326 has two leads.
Highlights
* * * * * 2000 hour life test at 125 C Ripple Current to 27 amps ESRs to 5 m > 90% capacitance at -40 C Replaces multiple capacitors
Type 325
Type 326
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Cold Impedance: Ripple Current Multipliers:
-55 C to 125 C 6.3 to 63 Vdc - 880 F to 46,000 F -10 +75% 0.5 CV A, 4 mA max, 5 minutes -55 C multiple of 25 C Z 2.5 @ 120 Hz 20 from 20-100 kHz Ambient Temperature
45C 1.39 120 Hz see ratings 55C 1.3 65C 1.21 75C 1.11 85C 1.00 95C 0.88 105C 0.73 1 kHz 0.85 115C 125C 0.55 0.26 20-100 kHz 1.00
Frequency
360 Hz 0.76 400 Hz 0.77
Life Test:
Load Life:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Shelf Life:
Outline Drawings
Vibration:
2000 h with rated voltage at 125 C capacitance 10% ESR 125 % of limit DCL 100 % of limit 4000 h at full load at 85 C capacitance 10% ESR 200 % of limit DCL 100 % of limit 500 h at 105 C, capacitance 10%, ESR 110% of limit, DCL 200% of limit 10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 325/326,-55 C to 125 C Long-Life, Switching Power Grade Radial
Insulated Bare Can D 0.015 (0.4 mm) Epoxy D 0.015 (0.4 mm) Case endseal L Code L 0.062 (1.6 mm) L 0.030 (0.8 mm) Max DxL DxL GE GJ GL GP GS GT HE HJ HL HP HS HT JE JJ JL JP JS JT GE GJ GL GP GS GT HE HJ HL HP HS HT JE JJ HL JP JS JT .765 x 1.150 .765 x 1.650 .765 x 2.150 .765 x 2.650 .765 x 3.150 .765 x 3.650 .890 x 1.150 .890 x 1.650 .890 x 2.150 .890 x 2.650 .890 x 3.150 .890 x 3.650 1.015 x 1.150 1.015 x 1.650 1.015 x 2.150 1.015 x 2.650 1.015 x 3.150 1.015 x 3.650 19.4 x 29.2 19.4 x 41.9 19.4 x 54.6 19.4 x 67.3 19.4 x 80.0 19.4 x 92.7 22.6 x 29.2 22.6 x 41.9 22.6 x 54.6 22.6 x 67.3 22.6 x 80.0 22.6 x 92.7 25.8 x 29.2 25.8 x 41.9 25.8 x 54.6 25.8 x 67.3 25.8 x 80.0 25.8 x 92.7 1.212 1.712 2.212 2.712 3.212 3.712 1.212 1.712 2.212 2.712 3.212 3.712 1.212 1.712 2.212 2.712 3.212 3.712 30.8 43.5 56.2 68.9 81.6 94.3 30.8 43.5 56.2 68.9 81.6 94.3 30.8 43.5 56.2 68.9 81.6 94.3 0.750 x 1.125 0.750 x 1.625 0.750 x 2.125 0.750 x 2.625 0.750 x 3.125 0.750 x 3.625 0.875 x 1.125 0.875 x 1.625 0.875 x 2.125 0.875 x 2.625 0.875 x 3.125 0.875 x 3.625 1.000 x 1.125 1.000 x 1.625 1.000 x 2.125 1.000 x 2.625 1.000 x 3.125 1.000 x 3.625 19.1 x 28.6 19.1 x 41.3 19.1 x 54.0 19.1 x 66.7 19.1 x 79.4 19.1 x 92.1 22.2 x 28.6 22.2 x 41.3 22.2 x 54.0 22.2 x 66.7 22.2 x 79.4 22.2 x 92.1 25.4 x 28.6 25.4 x 41.3 25.4 x 54.0 25.4 x 66.7 25.4 x 79.4 25.4 x 92.1 Lead Spacing Type 325 S1 T Type 326 S2 Lead Diameter dia. AWG
0.020(0.5 mm) 0.020(0.5 mm) 0.200 0.200 0.200 0.200 0.200 0.200 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 5.08 5.08 5.08 5.08 5.08 5.08 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 0.300 0.300 0.300 0.300 0.300 0.300 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 7.62 7.62 7.62 7.62 7.62 7.62 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.300 0.400 0.400 0.400 0.400 0.400 0.400 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 10.16 10.16 10.16 10.16 10.16 10.16 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18
Case Dimensions in Inches
Case Dimensions in Millimeters
Part Numbering System
325 393 U 6R3 JS 1 E
Type
Capacitance
Tolerance
M = 20% T = 10% + 50% U = 10% + 75%
Voltage
6R3=6.3 V 035=35 V
Case Code
See Ratings
Insulation
0 = bare can 1 = polyester
Epoxy
(blank) =no epoxy E = Epoxy endseal
325 - 3 leads 152=1500 F 326 - 2 leads 393=39000 F 326A - 3 leads, laydown
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 325/326, -55 C to 125 C Long-Life, Switching Power Grade Radial
Typical Performance Curves
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 325/326,-55 C to 125 C Long-Life, Switching Power Grade Radial
Ratings
Cap. (F) ESR MAX @ 25C 120 Hz 20 kHz (m) 65.7 42.8 41.9 28.5 29.5 26.5 20.9 16.2 18.7 18.1 16.5 14.3 14.3 10.5 10.5 10.1 9.5 8.3 75.5 42.8 42.7 36.7 31.4 25.7 20.9 19 22.9 17.3 17 14.2 16.2 11.4 11.4 10.1 10.5 8.7 92.6 63.8 50.4 48.6 35.3 32.2 26.6 24.8 22.8 36.2 26.0 23.5 17.2 16.2 14.7 13.6 11.1 11.0 11.6 10.6 8.6 8.7 7.4 7.3 6.2 6.3 5.2 36.2 26.0 23.5 17.2 16.2 14.7 13.6 11.6 11.1 11.0 10.4 8.6 8.7 7.4 7.3 6.2 6.3 5.2 35.0 26.0 23.5 17.2 16.2 14.7 13.6 11.1 11.6 Ripple MAX @ 85C 120 Hz 20 kHz (A) 3.95 5.37 5.68 7.16 7.56 7.81 9.85 10.88 10.46 11.42 12.75 13.02 12.86 16.40 16.40 17.75 18.55 21.23 3.68 5.37 5.63 6.30 7.33 7.95 9.85 11.13 9.16 10.86 12.57 13.04 12.10 15.73 15.73 17.75 17.69 20.67 3.33 4.40 5.18 5.48 6.92 7.09 8.73 8.79 10.17 5.31 6.89 7.59 9.22 10.21 10.51 12.21 13.13 13.60 14.23 15.94 16.81 16.51 19.48 19.61 22.70 22.89 26.70 5.31 6.89 7.59 9.22 10.21 10.51 12.21 14.23 13.13 13.60 16.08 16.81 16.51 19.48 19.61 22.70 22.89 26.70 5.41 6.89 7.59 9.22 10.21 10.51 12.21 13.13 14.23 Nom Size Insulated DXL (in) 0.77 X 1.15 0.89 X 1.15 0.77 X 1.65 1.02 X 1.15 0.77 X 2.15 0.89 X 1.65 0.77 X 2.65 1.02 X 1.65 0.89 X 2.15 0.77 X 3.15 0.77 X 3.65 0.89 X 2.65 1.02 X 2.15 0.89 X 3.15 1.02 X 2.65 0.89 X 3.65 1.02 X 3.15 1.02 X 3.65 0.77 X 1.15 0.89 X 1.15 0.77 X 1.65 1.02 X 1.15 0.77 X 2.15 0.89 X 1.65 0.77 X 2.65 0.77 X 3.15 1.02 X 1.65 0.89 X 2.15 0.77 X 3.65 0.89 X 2.65 1.02 X 2.15 0.89 X 3.15 1.02 X 2.65 0.89 X 3.6 1.02 X 3.15 1.02 X 3.65 0.77 X 1.15 0.89 X 1.15 0.77 X 1.65 1.02 X 1.15 0.77 X 2.15 0.89 X 1.65 0.77 X 2.65 1.02 X 1.65 0.77 X 3.15 880 1100 1500 1700 2200 2200 3000 3300 3400 3700 4300 4400 5100 5500 6300 6800 8500 10000 325881U035GE1 325112U035HE1 325152U035GJ1 325172U035JE1 325222U035HJ1 325222U035GL1 325302U035GP1 325332U035HL1 325342U035JJ1 325372U035GS1 325432U035GT1 325442U035HP1 325512U035JL1 325552U035HS1 325632U035HT1 325682U035JP1 325852U035JS1 325103U035JT1 1300 1800 2100 2500 3100 3600 4100 4900 5100 5400 6200 7200 7400 8900 9800 11000 12000 15000 325132U025GE1 325182U025HE1 325212U025GJ1 325252U025JE1 325312U025GL1 325362U025HJ1 325412U025GP1 325492U025JJ1 325512U025GS1 325542U025HL1 325622U025GT1 325722U025HP1 325742U025JL1 325892U025HS1 325982U025JP1 325113U025HT1 325123U025JS1 325153U025JT1 Cap. (F) 8400 9600 11000 12000 14000 15000 17000 19000 23000 ESR MAX @ 25C 120 Hz 20 kHz (m) 22.1 24.8 17.2 17.2 14.3 13.3 14.9 11.4 9.5 109.0 70.8 55.1 52.5 38.0 35.0 28.6 26.6 24.8 24.0 24.8 19.1 19.1 15.2 15.3 14.9 12.4 9.5 124.0 85.6 66.6 63.8 42.8 45.7 35.2 29.7 32.4 28.6 24.8 22.9 21.9 18.1 14.9 17.1 14.3 12.4 11.0 10.1 8.6 8.7 7.4 7.3 6.2 6.3 5.2 35.0 26.0 23.5 17.2 16.2 14.7 13.6 11.1 11.6 11.0 10.1 8.6 8.7 7.4 7.3 6.2 6.3 5.2 35.0 26.0 23.5 17.2 14.7 16.2 13.6 11.0 11.1 11.6 10.1 8.6 8.7 7.4 6.2 7.3 6.3 5.2 Ripple MAX @ 85C 120 Hz 20 kHz (A) 9.61 10.41 11.87 11.74 14.05 14.55 14.59 16.92 19.82 3.07 4.17 4.96 5.27 6.66 6.80 8.42 8.49 9.76 9.22 10.41 11.26 11.13 13.60 13.60 14.59 16.27 19.82 2.88 3.79 4.51 4.78 6.15 6.08 7.59 8.28 7.70 9.09 10.41 10.28 10.39 12.47 14.59 12.83 15.15 17.37 13.60 16.28 16.81 16.51 19.48 19.61 22.60 22.89 26.70 5.41 6.89 7.59 9.22 10.21 10.51 12.21 13.13 14.23 13.60 16.28 16.81 16.51 19.48 19.61 22.60 22.89 26.7 5.41 6.89 7.59 9.22 10.51 10.21 12.21 13.60 13.13 14.23 16.28 16.81 16.51 19.48 22.60 19.61 22.89 26.70 Nom Size Insulated DXL (in) 0.89 X 2.15 0.77 X 3.65 0.89 X 2.65 1.02 X 2.15 0.89 X 3.15 1.02 X 2.65 0.89 X 3.65 1.02 X 3.15 1.02 X 3.65 0.77 X 1.15 0.89 X 1.15 0.77 X 1.65 1.02 X 1.15 0.77 X 2.15 0.89 X 1.65 0.77 X 2.65 1.02 X 1.65 0.77 X 3.15 0.89 X 2.15 0.77 X 3.65 0.89 X 2.65 1.02 X 2.15 0.89 X 3.15 1.02 X 2.65 0.89 X 3.65 1.02 X 3.15 1.02 X 3.65 0.77 X 1.15 0.89 X 1.15 0.77 X 1.65 1.02 X 1.15 0.89 X 1.65 0.77 X 2.15 0.77 X 2.65 0.89 X 2.15 1.02 X 1.65 0.77 X 3.15 0.77 X 3.65 0.89 X 2.65 1.02 X 2.15 0.89 X 3.15 0.89 X 3.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.65
Catalog Part Number 325442U6R3GE1 325582U6R3HE1 325712U6R3GJ1 325772U6R3JE1 325113U6R3GL1 325123U6R3HJ1 325143U6R3GP1 325153U6R3JJ1 325173U6R3HL1 325183U6R3GS1 325213U6R3GT1 325233U6R3HP1 325233U6R3JL1 325293U6R3HS1 325313U6R3JP1 325353U6R3HT1 325393U6R3JS1 325463U6R3JT1 325332U010GE1 325472U010HE1 325542U010GJ1 325642U010JE1 325802U010GL1 325932U010HJ1 325113U010GP1 325133U010GS1 325133U010JJ1 325143U010HL1 325163U010GT1 325193U010HP1 325193U010JL1 325233U010HS1 325263U010JP1 325283U010HT1 325323U010JS1 325383U010JT1 325202U016GE1 325282U016HE1 325322U016GJ1 325382U016JE1 325482U016GL1 325562U016HJ1 325642U016GP1 325772U016JJ1 325802U016GS1
Catalog Part Number 325842U016HL1 325962U016GT1 325113U016HP1 325123U016JL1 325143U016HS1 325153U016JP1 325173U016HT1 325193U016JS1 325233U016JT1
6.3 Vdc (8 Vdc Surge) 4400 5800 7100 7700 11000 12000 14000 15000 17000 18000 21000 23000 23000 29000 31000 35000 39000 46000 3300 4700 5400 6400 8000 9300 11000 13000 13000 14000 16000 19000 19000 23000 26000 28000 32000 38000 2000 2800 3200 3800 4800 5600 6400 7700 8000
25 Vdc (32 Vdc Surge)
10 Vdc (13 Vdc Surge)
35 Vdc (44 Vdc Surge)
16 Vdc (20 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 325152U035JS0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X